Part Number Hot Search : 
NJU709XD 2SD728 22SSWCBE MAX1515 B0312D0 56163 KPA108A MP356M
Product Description
Full Text Search
 

To Download ADP3412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES All-In-One Synchronous Buck Driver Bootstrapped High-Side Drive One PWM Signal Generates Both Drives Programmable Transition Delay Anticross-Conduction Protection Circuitry APPLICATIONS Multiphase Desktop CPU Supplies Mobile Computing CPU Core Power Converters Single-Supply Synchronous Buck Converters Standard-to-Synchronous Converter Adaptations
IN
Dual MOSFET Driver with Bootstrapping ADP3412
FUNCTIONAL BLOCK DIAGRAM
VCC BST
ADP3412
DRVH
DLY
OVERLAP PROTECTION CIRCUIT
SW
DRVL
PGND
GENERAL DESCRIPTION
The ADP3412 is a dual MOSFET driver optimized for driving two N-channel MOSFETs which are the two switches in a nonisolated synchronous buck power converter. Each of the drivers is capable of driving a 3000 pF load with a 20 ns propagation delay and a 30 ns transition time. One of the drivers can be bootstrapped, and is designed to handle the high-voltage slew rate associated with "floating" high-side gate drivers. The ADP3412 includes overlapping drive protection (ODP) to prevent shoot-through current in the external MOSFETs.
5V D1 VCC BST 12V
ADP3412
CBST IN DRVH Q1
SW DLY CDLY
DELAY 1V
DRVL Q2 1V PGND
Figure 1. General Application Circuit
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2000
ADP3412-SPECIFICATIONS1 (T = 0 C to 70 C, VCC = 5 V, BST = 4 V to 26 V, unless otherwise noted.)
A
Parameter SUPPLY Supply Voltage Range Quiescent Current PWM INPUT Input Voltage High2 Input Voltage Low2 HIGH-SIDE DRIVER Output Resistance, Sourcing Current Output Resistance, Sinking Current Transition Times3 (See Figure 2) Propagation Delay3, 4 (See Figure 2) LOW-SIDE DRIVER Output Resistance, Sourcing Current Output Resistance, Sinking Current Transition Times3 (See Figure 2) Propagation Delay3, 4 (See Figure 2)
Symbol VCC ICCQ
Conditions
Min 4.15
Typ 5.0 1
Max 7.5 2
Unit V mA V V ns ns ns ns ns ns
2.0 0.8 VBST - VSW = 4.6 V VBST - VSW = 4.6 V VBST - VSW = 4.6 V, CLOAD = 3 nF VBST - VSW = 4.6 V VBST - VSW = 4.6 V VCC = 4.6 V VCC = 4.6 V VCC = 4.6 V, CLOAD = 3 nF VCC = 4.6 V VCC = 4.6 V 2.5 2.5 20 20 5 5 35 Note 5 25 5 5 35 30 25
trDRVH, tfDRVH tpdhDRVH tpdlDRVH
10
trDRVL, tfDRVL tpdhDRVL tpdlDRVL
2.5 2.5 20
NOTES 1 All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. 2 Logic inputs meet typical CMOS I/O conditions for source/sink current (~1 A). 3 AC specifications are guaranteed by characterization, but not production tested. 4 For propagation delays, "tpdh" refers to the specified signal going high; "tpdl" refers to it going low. 5 Maximum propagation delay = 40 ns + (1 ns/pF CDLY). Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +8 V BST . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +30 V BST to SW . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +8 V SW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5.0 V to +25 V IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to VCC + 0.3 V Operating Ambient Temperature Range . . . . . . . 0C to 70C Operating Junction Temperature Range . . . . . . 0C to 125C JA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 155C/W JC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40C/W Storage Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300C
*This is a stress rating only; operation beyond these limits can cause the device to be permanently damaged. Unless otherwise specified, all voltages are referenced to PGND.
-2-
REV. 0
ADP3412
PIN FUNCTION DESCRIPTIONS
Pin 1
Mnemonic BST
Function Floating Bootstrap Supply for the Upper MOSFET. A capacitor connected between BST and SW pins holds this bootstrapped voltage for the high-side MOSFET as it is switched. The capacitor should be chosen between 100 nF and 1 F. TTL-level Input Signal, which has primary control of the drive outputs. Low-High Transition Delay. A capacitor from this pin to ground programs the propagation delay from turn-off of the lower FET to turn-on of the upper FET. The formula for the low-high transition delay is DLY = CDLY x (1 ns/pF) + 20 ns. The rise time for turn-on of the upper FET is not included in the formula. Input Supply. This pin should be bypassed to PGND with ~1 F ceramic capacitor. Synchronous Rectifier Drive. Output drive for the lower (synchronous rectifier) MOSFET. Power Ground. Should be closely connected to the source of the lower MOSFET. This pin is connected to the buck-switching node, close to the upper MOSFET's source. It is the floating return for the upper MOSFET drive signal. It is also used to monitor the switched voltage to prevent turnon of the lower MOSFET until the voltage is below ~1 V. Thus, according to operating conditions, the high-low transition delay is determined at this pin. Buck Drive. Output drive for the upper (buck) MOSFET.
2 3
IN DLY
4 5 6 7
VCC DRVL PGND SW
8
DRVH
PIN CONFIGURATION
BST 1 IN 2 8 DRVH
7 SW TOP VIEW DLY 3 (Not to Scale) 6 PGND VCC 4 5 DRVL
ADP3412
ORDERING GUIDE
Model ADP3412JR
Temperature Range 0C to 70C
Package Description 8-Lead Standard Small Outline Package (SOIC)
Package Option R-8
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADP3412 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. 0
-3-
ADP3412
IN tpdlDRVL tfDRVL tpdlDRVH trDRVL
DRVL tpdhDRVH trDRVH tfDRVH
DRVH-SW
VTH
VTH
tpdhDRVL SW 1V
Figure 2. Nonoverlap Timing Diagram (Timing Is Referenced to the 90% and 10% Points Unless Otherwise Noted)
-4-
REV. 0
Typical Performance Characteristics-ADP3412
2V/DIV DRVH
2V/DIV DRVL
30 VCC = 5V CLOAD = 3nF 25 RISE TIME
VOLTAGE
VOLTAGE
20
DRVL
DRVH
TIME - ns
15 FALL TIME 10
IN VCC = 5V CLOAD = 3nF VSW = 0V TIME - ns
IN VCC = 5V CLOAD = 3nF CDLY = 20pF TIME - ns
20ns/DIV
20ns/DIV
5
0
0
25 50 75 JUNCTION TEMPERATURE - C
85
TPC 1. DRVH Fall and DRVL Rise Times
TPC 2. DRVL Fall and DRVH Rise Times
TPC 3. DRVH Rise and Fall Times vs. Temperature
35 30 25
TIME - ns
40 VCC = 5V CLOAD = 3nF 30 RISE TIME
TIME - ns
35 VCC = 5V TA = 25 C 30 25 VCC = 5V TA = 25 C
20 15 10 5 0 0 50 75 25 AMBIENT TEMPERATURE - C 85 FALL TIME
TIME - ns
DRVH 20 15 10 5 DRVL
20 DRVH 10 DRVL
0 0 1 2 3 4 CAPACITANCE - nF 5 6
0 0 1 2 3 4 CAPACITANCE - nF 5 6
TPC 4. DRVL Rise and Fall Times vs. Temperature
TPC 5. DRVH and DRVL Rise Times vs. Load Capacitance
TPC 6. DRVH and DRVL Fall Times vs. Load Capacitance
30 VCC = 5V CLOAD = 3nF 25 20
TIME - ns
40 35 VCC = 5V TA = 25 C CLOAD = 3nF
11.0 VCC = 5V fIN = 250kHz CLOAD = 3nF
SUPPLY CURRENT - mA
30 25 20 15 10 5 0
SUPPLY CURRENT - mA
0 200 400 600 800 1000 IN FREQUENCY - kHz 1200
tpdlDRVH
10.5
15 tpdlDRVL 10
10.0
9.5
5
0 0 25 100 50 75 JUNCTION TEMPERATURE - C 125
9.0 0 25 50 75 100 JUNCTION TEMPERATURE - C 125
TPC 7. Propagation Delay vs. Temperature
TPC 8. Supply Current vs. Frequency
TPC 9. Supply Current vs. Temperature
REV. 0
-5-
ADP3412
THEORY OF OPERATION
The ADP3412 is a dual MOSFET driver optimized for driving two N-channel MOSFETs in a synchronous buck converter topology. A single PWM input signal is all that is required to properly drive the high-side and the low-side FETs. Each driver is capable of driving a 3 nF load with only a 20 ns transition time. A more detailed description of the ADP3412 and its features follows. Refer to the general application circuit in Figure 1.
Low-Side Driver
The low-side driver is designed to drive low-RDS(ON) N-channel MOSFETs. The maximum output resistance for the driver is 5 for both sourcing and sinking gate current. The low output resistance allows the driver to have 20 ns rise and fall times into a 3 nF load. The bias to the low-side driver is internally connected to the VCC supply and PGND. The driver's output is 180 degrees out of phase with the PWM input.
High-Side Driver
To prevent the overlap of the gate drives during Q2's turn OFF and Q1's turn ON, the overlap circuit provides a programmable delay that is set by a capacitor on the DLY pin. When the PWM input signal goes high, Q2 will begin to turn OFF (after a propagation delay), but before Q1 can turn ON the overlap protection circuit waits for the voltage at DRVL to drop to around 10% of VCC. Once the voltage at DRVL has reached the 10% point, the overlap protection circuit will wait for a 20 ns typical propagation delay plus an additional delay based on the external capacitor, CDLY. The delay capacitor adds an additional 1 ns/pF of delay. Once the programmable delay period has expired, Q1 will begin turn ON. The delay allows time for current to commutate from the body diode of Q2 to an external Schottky diode, which allows turnoff losses to be reduced. Although not as foolproof as the adaptive delay, the programmable delay adds a safety margin to account for variations in size, gate charge, and internal delay of the external power MOSFETs.
APPLICATION INFORMATION Supply Capacitor Selection
The high-side driver is designed to drive a floating low RDS(ON) N-channel MOSFET. The maximum output resistance for the driver is 5 for both sourcing and sinking gate current. The low output resistance allows the driver to have 20 ns rise and fall times into a 3 nF load. The bias voltage for the high-side driver is developed by an external bootstrap supply circuit, which is connected between the BST and SW pins. The bootstrap circuit comprises a diode, D1, and bootstrap capacitor, CBST. When the ADP3412 is starting up, the SW pin is at ground, so the bootstrap capacitor will charge up to VCC through D1. When the PWM input goes high, the high-side driver will begin to turn ON the high-side MOSFET, Q1, by pulling charge out of CBST. As Q1 turns ON, the SW pin will rise up to VIN, forcing the BST pin to VIN + VC(BST), which is enough gate-to-source voltage to hold Q1 ON. To complete the cycle, Q1 is switched OFF by pulling the gate down to the voltage at the SW pin. When the low-side MOSFET, Q2, turns ON, the SW pin is pulled to ground. This allows the bootstrap capacitor to charge up to VCC again. The high-side driver's output is in phase with the PWM input.
Overlap Protection Circuit
For the supply input (VCC) of the ADP3412, a local bypass capacitor is recommended to reduce the noise and to supply some of the peak currents drawn. Use a 1 F, low ESR capacitor. Multilayer ceramic chip (MLCC) capacitors provide the best combination of low ESR and small size and can be obtained from the following vendors: Murata TaiyoYuden Tokin GRM235Y5V106Z16 EMK325F106ZF C23Y5V1C106ZP www.murata.com www.t-yuden.com www.tokin.com
Keep the ceramic capacitor as close as possible to the ADP3412.
Bootstrap Circuit
The bootstrap circuit uses a charge storage capacitor (CBST) and a Schottky diode, as shown in Figure 1. Selection of these components can be done after the high-side MOSFET has been chosen. The bootstrap capacitor must have a voltage rating that is able to handle the maximum battery voltage plus 5 volts. A minimum 50 V rating is recommended. The capacitance is determined using the following equation:
C BST = QGATE VBST
The Overlap Protection Circuit (OPC) prevents both of the main power switches, Q1 and Q2, from being ON at the same time. This is done to prevent shoot-through currents from flowing through both power switches and the associated losses that can occur during their ON-OFF transitions. The Overlap Protection Circuit accomplishes this by adaptively controlling the delay from Q1's turn OFF to Q2's turn ON, and by externally setting the delay from Q2's turn OFF to Q1's turn ON. To prevent the overlap of the gate drives during Q1's turn OFF and Q2's turn ON, the overlap circuit monitors the voltage at the SW pin. When the PWM input signal goes low, Q1 will begin to turn OFF (after a propagation delay), but before Q2 can turn ON, the overlap protection circuit waits for the voltage at the SW pin to fall from VIN to 1 V. Once the voltage on the SW pin has fallen to 1 V, Q2 will begin turn ON. By waiting for the voltage on the SW pin to reach 1 V, the overlap protection circuit ensures that Q1 is OFF before Q2 turns on, regardless of variations in temperature, supply voltage, gate charge, and drive current.
where, QGATE is the total gate charge of the high-side MOSFET, and VBST is the voltage droop allowed on the high-side MOSFET drive. For example, the IRF7811 has a total gate charge of about 20 nC. For an allowed droop of 200 mV, the required bootstrap capacitance is 100 nF. A good quality ceramic capacitor should be used. A Schottky diode is recommended for the bootstrap diode due to its low forward drop, which maximizes the drive available for the high-side MOSFET. The bootstrap diode must have a minimum 40 V rating to withstand the maximum battery voltage plus 5 V. The average forward current can be estimated by:
I F(AVG) QGATE x f MAX
-6-
REV. 0
ADP3412
where fMAX is the maximum switching frequency of the controller. The peak surge current rating should be checked in-circuit, since this is dependent on the source impedance of the 5 V supply, and the ESR of CBST.
Delay Capacitor Selection Printed Circuit Board Layout Considerations
Use the following general guidelines when designing printed circuit boards: 1. 2. 3. Trace out the high-current paths and use short, wide traces to make these connections. Connect the PGND pin of the ADP3412 as close as possible to the source of the lower MOSFET. The VCC bypass capacitor should be located as close as possible to VCC and PGND pins.
The delay capacitor, CDLY, is used to add an additional delay when the low-side FET drive turns off and when the high-side drive starts to turn on. The delay capacitor adds 1 ns/pF of additional time to the 20 ns of fixed delay. If a delay capacitor is required, look for a good quality ceramic capacitor with an NPO or COG dielectric, or for a good quality mica capacitor. Both types of capacitors are available in the 1 pF to 100 pF range and have excellent temperature and leakage characteristics.
Typical Application Circuits
The circuit in Figure 3 shows how two drivers can be combined with the ADP3160 to form a total power conversion solution for VCC(CORE) generation in a high-current GOA computer. Figure 4 gives CPU a similar application circuit for a 35 A processor.
VIN 12V VIN RTN
270 F 4 OS-CON 16V C12 C13 C14 C15
R7 20 R4 4m C26 4.7 F R6 10 C21 15nF R5 2.4k Q5 2N3904 D1 MBR052LTI C9 1F
U2 ADP3412
1 BST 2 IN 3 DLY 4 VCC DRVH 8 SW 7 PGND 6 DRVL 5 Q2 FDB8030L Q1 FDB7030L L1 600nH
C4 4.7 F
R8 330 C23 330pF
Z1 ZMM5236BCT
U1 ADP3160
1 VID4 2 VID3 FROM CPU RA 60.4k COC 1.4nF RZ 1.1k 3 VID2 4 VID1 5 VID0 6 COMP RB 10k 7 FB 8 CT C1 150pF VCC 16 REF 15 CS- 14 PWM1 13 PWM2 12 CS+ 11
C22 1nF
C5 1F
C7 15pF 1200 F 8 OS-CON 2.5V 11m ESR (EACH) + + + + + + + + VCC(CORE) RTN VCC(CORE) 1.1V - 1.85V 53.4A
PWRGND 10 GND 9
D2 MBR052LTI
C10 1F C11 C16 C17 C18 C19 C20 C21 C22
U3 ADP3412
1 BST 2 IN 3 DLY 4 VCC C6 1F C8 15pF DRVH 8 SW 7 PGND 6 DRVL 5 Q4 FDB8030L Q3 FDB7030L L2 600nH
R1 1k C2 100pF
Figure 3. 53.4 A Intel CPU Supply Circuit
REV. 0
-7-
ADP3412
VIN 5V VIN RTN R4 5m 12V VCC 12V VCC RTN R6 10 1000 F 6 RUBYCON ZA SERIES C12 C13 C14 C15 C24 C25 R7 20
C21 15nF
R5 2.4k Q5 2N3904
U2 ADP3412
1 BST DRVH 8 2 IN SW 7 Q1 FDB6035AL L1 600nH
C4 4.7 F
R8 330 C23 330pF
Z1 ZMM5236BCT
U1 ADP3160
1 VID4 2 VID3 FROM CPU RA 14.7k COC 1nF RZ 10k 3 VID2 4 VID1 5 VID0 6 COMP RB 22.1k 7 FB 8 CT C1 150pF R1 1k C2 100pF VCC 16 REF 15 CS- 14 PWM1 13 PWM2 12 CS+ 11
3 DLY PGND 6 4 VCC DRVL 5 C5 1F Q2 FDB7030L
C22 1nF
C7 15pF 1000 F 8 RUBYCON ZA SERIES 24m ESR (EACH) VCC(CORE) 1.1V - 1.85V 35A + + VCC(CORE)
D2 MBR052LTI
C10 1F
+
+
+
+
+
+
PWRGND 10 GND 9
U3 ADP3412
1 BST DRVH 8 2 IN SW 7
C11 C16 C17 C18 C19 C20 C27 C28 Q3 FDB6035AL
RTN
L2 600nH
3 DLY PGND 6 C6 1F 4 VCC DRVL 5 C8 15pF Q4 FDB7030L
Figure 4. 35 A Athlon CPU Supply Circuit
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Small Outline Package (R-8)
0.1968 (5.00) 0.1890 (4.80)
8 5 4
0.1574 (4.00) 0.1497 (3.80) PIN 1
1
0.2440 (6.20) 0.2284 (5.80)
0.0500 (1.27) BSC 0.0098 (0.25) 0.0040 (0.10) SEATING PLANE 0.102 (2.59) 0.094 (2.39) 0.0192 (0.49) 0.0138 (0.35) 8 0.0098 (0.25) 0 0.0075 (0.19)
0.0196 (0.50) 0.0099 (0.25)
45
0.0500 (1.27) 0.0160 (0.41)
-8-
REV. 0
PRINTED IN U.S.A.
C01023-2.5-9/00 (rev. 0)
C26 4.7 F
D1 MBR052LTI
C9 1F


▲Up To Search▲   

 
Price & Availability of ADP3412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X